PART |
Description |
Maker |
R1LP0408C R1LP0408CSB-5SI R1LP0408CSB-7LI R1LP0408 |
Wide Temperature Range Version 4 M SRAM (512-kword ??8-bit) R1LP0408C-I Series Datasheet 78K/AUG.01.03 Standard Thick Film Chip Resistor: 10 ohms through 10 megohms, 5 %, 200 ppm, .100 W Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword × 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 】 8-bit) Memory>Low Power SRAM
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor] Renesas
|
AD1385TD/883B AD1385 |
16-Bit 500 kHz Wide Temperature Range Sampling ADC(16浣?00kHz瀹芥俯搴???撮??妨/D杞???? 16-Bit 500 kHz Wide Temperature Range Sampling ADC 1-CH 16-BIT FLASH METHOD ADC, PARALLEL ACCESS, CDIP48 16-Bit 500 kHz Wide Temperature Range Sampling ADC(1600kHz宽温度范围采样A/D转换
|
Analog Devices, Inc.
|
VF59415046.72M VF594SL15046.72M VF594L15046.72M VF |
Wide Frequency Range, Very Low Phase Jitter, Wide Pullability, Standard Footprint, Wide Operating Temperature, EMI Shielded 频率范围宽,非常低相位抖动,宽Pullability,标准足迹,宽工作温度,电磁屏蔽
|
ECM Electronics List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
EDD51163DBH-5BLS-F EDD51163DBH-6ELS-F EDD51163DBH- |
32M X 16 DDR DRAM, 5 ns, PBGA60 512M bits DDR Mobile RAM?/a> WTR (Wide Temperature Range), Low Power Function 512M bits DDR Mobile RAM垄芒 WTR (Wide Temperature Range), Low Power Function
|
ELPIDA MEMORY INC
|
VCEG1104LS-TR |
Wide range temperature applicable product
|
STANLEY ELECTRIC CO.,LT...
|
OCO-SM14H |
Through hole OCXO Wide operating temperature range from -40 up to 85 °C
|
QUARTZCOM the communications company
|
R1RP0408DGE-2PI R1RP0408DI |
Memory>Fast SRAM>Asynchronous SRAM Wide Temperature Range Version 4M High Speed SRAM (512-kword 】 8-bit) Wide Temperature Range Version 4M High Speed SRAM (512-kword × 8-bit)
|
Renesas Electronics Corporation
|
KP1J010MS KP1J100MS KP1J101MS KP1J220MS KP1J101LR |
CHIP TYPE, NON-POLARIZED WITH WIDE TEMPERATURE RANGE 片式,不符合宽温偏光
|
DB Lectro Inc. DB Lectro, Inc.
|
EDS2532EEBH-9ATT-E |
256M bits SDRAM WTR (Wide Temperature Range)
|
Elpida Memory
|
OCO-M36AH OCO-M36AH12 OCO-M36AH5 |
Through hole OCXO HCMOS Wide operating temperature range: -40 up to 85 °C
|
QUARTZCOM the communications company
|
D1301SH |
Full blocking capability 50/60Hz over a wide temperature range
|
Infineon Technologies A...
|